Part Number Hot Search : 
KTA1042D 1N4735 IQ24240 TA7288P HD6303YF STUB018 STUB018 STUB018
Product Description
Full Text Search
 

To Download C1210C82513PAC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Bulletin
Surface Mount Ceramic Chip Capacitors New Extended Values in X5R Dielectric KEMET is pleased to continue the expansion of high capacitance ratings in our X5R ceramic chip capacitors to include the following values in our base metal electrode devices. X5R/1210 - 6.8F - 10.0F (685 - 106) @ 25 Volts
Outline Drawing
Table 1 Dimensions - Millimeters (Inches)
Metric EIA Size Size Code Code 3225 1210 L - Length 3.2 (.126) 0.2 (.008) W - Width 2.5 (.098) 0.2 (.008) Max. T - Thickness See Table 2 B - Bandwidth 0.5 (.02) .25 (.010) Separation N/A
Table 2 - X5R - Capacitance Value Extensions
Capacitance (F) 6.8 8.2 10.0 KEMET Part Number C1210C685(1)3PAC C1210C825(1)3PAC C1210C106(1)3PAC Voltage 25 25 25 Cap Tol K,M K,M K,M Thickness Qty T (mm) 7" Reel 1.85 .20 2,000 2.10 .20 2,000 2.10 .20 2,000 Qty 13" Reel 8,000 8,000 8,000
(1) To complete KEMET part number, insert the alpha code for the tolerance desired. K = 10%; M = 20%
F-3261A 08/04
Electrical Parameters As detailed in the KEMET Surface Mount Catalog F3102 for X5R, with following specific requirements based on room temperature (25C) parameters: * Operating Range: -55C to +85C, with no-bias capacitance shift limited to 15% over that range * Insulation Resistance (IR) measured after 2 minutes at rated voltage @ 25C: Limit is 1000 megohm microfarads or 100 gigohms, whichever is less. * Capacitance and Dissipation Factor (DF) measured at 1KHz at 1Vrms. DF Limit is 5%. Soldering Process The 1210 part is suitable for reflow soldering only. All parts incorporate the standard KEMET barrier layer of pure nickel, with an overplate of pure tin to provide excellent solderability as well as resistance to leaching. Marking These chips are normally supplied unmarked. If required, they can be laser marked as an extra cost option. More detail on the marking format is included in our Surface Mount Catalog F3102.
In general, the information in the KEMET Surface Mount catalog F3102 applies to these capacitors. The information in this bulletin supplements that in the catalog.
(c) KEMET Electronics Corporation * P.O. Box 5928 * Greenville, SC 29606 * (864) 963-6300 * www.kemet.com


▲Up To Search▲   

 
Price & Availability of C1210C82513PAC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X